Part Number Hot Search : 
560M20 560M20 MAX17 TFS70H13 DT74ALV 2805S 74HC4011 IRFR410
Product Description
Full Text Search
 

To Download SD101C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SD101A - SD101C
SCHOTTKY BARRIER DIODE Features
* * * * Low Forward Voltage Drop Guard Ring Construction for Transient Protection Low Reverse Recovery Time Low Reverse Capacitance
A
B
A
D
C
Mechanical Data
* * * * * Case: DO-35, Plastic Leads: Solderable per MIL-STD-202, Method 208 Marking: Type Number Polarity: Cathode Band Weight: 0.13 grams (approx.)
DO-35 Dim A B C D Min 25.40 3/4 3/4 3/4 Max 3/4 4.00 0.60 2.00
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol VRRM VRWM VR VR(RMS) IFM @ t 1.0s @ t = 10ms IFSM Pd RqJA Tj, TSTG SD101A 60 42 SD101B 50 35 15 50 2.0 400 375 -65 to +175 SD101C 40 28 Unit V V mA mA A mW K/W C
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Electrical Characteristics
Characteristic Maximum Forward Voltage Drop
@ TA = 25C unless otherwise specified Symbol SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C SD101A SD101B SD101C Min Max 0.41 0.40 0.39 1.00 0.95 0.90 200 2.0 2.1 2.2 1.0 Unit Test Condition IF = 1.0mA IF = 1.0mA IF = 1.0mA IF = 15mA IF = 15mA IF = 15mA VR = 50V VR = 40V VR = 30V VR = 0V, f = 1.0MHz IF = IR = 5.0mA, Irr = 0.1 x IR, RL = 100W
VFM
3/4
V
Maximum Peak Reverse Current
IRM
3/4
nA
Junction Capacitance
Cj trr
3/4 3/4
pF ns
Reverse Recovery Time Note:
1. Valid provided that leads are kept at ambient temperature.
DS11008 Rev. I-2
1 of 2
SD101A - SD101C
10
B A
2
Tj = 25C
IF, FORWARD CURRENT (mA)
C
1.0
Cj, CAPACITANCE (pF)
C
1
0.1
A
B
0.01 0 0.5 VF, FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristic Variations for Primary Conduction 1.0
0 0 10 20 30 40 50 VR, REVERSE VOLTAGE (V) Fig. 2 Typ. Junction Capacitance vs Reverse Voltage
DS11008 Rev. I-2
2 of 2
SD101A - SD101C


▲Up To Search▲   

 
Price & Availability of SD101C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X